PART |
Description |
Maker |
ISL9000IRNCZ |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL78302A ISL78302AARBJZ ISL78302AARGCZ ISL78302AA |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Renesas Electronics Corporation
|
ISL78302AARBJZ ISL78302AARGCZ ISL78302AARJCZ ISL78 |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil Corporation
|
ISL78302ARBFZ ISL78302ARBNZ ISL78302ARCWZ ISL78302 |
Dual LDO with Low Noise, High Performance and Low IQ
|
Intersil Corporation
|
ISL901206 ISL9012IRNNZ ISL9012IRPLZ ISL9012 ISL901 |
Dual LDO with Low Noise, Low IQ, and High PSRR
|
INTERSIL[Intersil Corporation]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
MIC5255 MIC5255-2.5BM5 MIC5255-2.5YM5 MIC5255-2.6B |
150mA Low Noise UCap CMOS LDO 150mA Low Noise UCap CMOS LDO 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 3.3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 IGBT Modules up to 600V PIM 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 600 kHz 14-HTSSOP -40 to 125 T1/E1 Transformer 5.5V to 36V, 5A, 500kHz Step Down SWIFT Converter 8-SO PowerPAD -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] MICREL INC
|
|